| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6548 Fiches technique(PDF) 280 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6548 Fiches technique(HTML) 280 Page - Texas Instruments |
|
280 / 299 page ![]() 280 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Operation flexibility: – Uniform programming model for SS, HS, FS, and LS operation – Multiple interrupt lines: • 16 interrupts associated with 16 programmable Event Rings for multi-core support • Interrupt lines for all miscellaneous events • Functional safety: – Internal RAM with ECC – Loopback on USB3 PHY (SerDes) • External requirements: – An external charge pump or power switch for VBUS 5 V generation – An external circuitry or PMIC to start the battery charging upon Battery Charger (BC) detected event – An external reference clock input for USB PHY operation – An external high-precision resistor for PHY termination calibration The following are USB features which are not supported in current device: • OTG 3.0 functionality • HSIC (High Speed inter-chip) and SSIC interface • ULPI Interface for external PHY • SRP and ADP protocols • External Buffer Control (EBC) for OUT (Rx) Endpoint • Hibernation For more information, see section Universal Serial Bus (USB) Subsystem in chapter Peripherals of the device TRM. |