| Moteur de recherche de fiches techniques de composants électroniques |
|
UL96AL-S08-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UL96AL-S08-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() UL96A Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R103-154.b ABSOLUTE MAXIMUM RATING (TA=25°C, Unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN -0.3 ~ 550 V Supply Voltage VDD -0.3 ~ 8.5 V Power Dissipation PD 800 mW Junction Temperature TJ -45 ~ +125 °C Storage Temperature TSTG -55 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATION CONDITIONS PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 140 ~ 375 V Supply Voltage VDD 6 ~ 7 V Reference Load Current ILOAD 0 ~ 200 mA Ambient Temperature TA 0 ~ +70 °C THERMAL DATA PARAMETER SYMBOL RATING UNIT Junction to Ambient θJA 150 °C/W |