Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBM29PL64LM10PCN Fiches technique(PDF) 66 Page - SPANSION

No de pièce MBM29PL64LM10PCN
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10PCN Fiches technique(HTML) 66 Page - SPANSION

Back Button MBM29PL64LM10PCN Datasheet HTML 61Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 62Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 63Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 64Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 65Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 66Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 67Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 68Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 69Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
MBM29PL64LM90/10
65
s PACKAGE DIMENSIONS
(Continued)
48-pin plastic TSOP(1)
(FPT-48P-M19)
Note 1) * : Values do not include resin protrusion.
Resin protrusion and gate protrusion are +0.15(.006)Max(each side).
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Dimensions in mm (inches)
Note : The values in parentheses are reference values.
–
.003
+.001
–
0.08
+0.03
.007
0.17
"A"
(Stand off height)
0.10(.004)
(Mounting
height)
(.472±.008)
12.00
±0.20
LEAD No.
48
25
24
1
(.004
±.002)
0.10(.004) M
1.10
+0.10
–
0.05
+.004
–
.002
.043
0.10
±0.05
(.009
±.002)
0.22
±0.05
(.787
±.008)
20.00
±0.20
(.724
±.008)
18.40
±0.20
INDEX
2003 FUJITSU LIMITED F48029S-c-6-7
C
0~8
˚
0.25(.010)
0.50(.020)
0.60
±0.15
(.024
±.006)
Details of "A" part
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69