| Moteur de recherche de fiches techniques de composants électroniques |
|
IRISA6331 Fiches technique(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRISA6331 Fiches technique(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() www.irf.com 6 Pin No. Symbol Description Function 1 S Source Pin MOSFET source 2 GND Ground Pin Ground 3 Vin Power supply Pin Input of power supply for control circuit Input of overcurrent detection signal / constant voltage control signal 5 GND Ground Pin Ground 6 N.C. - Not Connected 7D Drain Pin MOSFET drain 4OCP/FB Overcurrent / Feedback Pin IRIS-A6331 Latch Drive Delay Q PWM Latch S R Icont OCP Comp. + - OSC - + UVLO REG Internal Bias Vin GND S D REG OCP/FB TSD + - + - OVP 3 7,8 1 4 2,5 Block Diagram Lead Assignments Other Functions O.V.P. – Overvoltage Protection Circuit T.S.D. – Thermal Shutdown Circuit Source GND Vin OCP/FB Drain N.C. GND 2 3 45 6 7 8 1 Drain Pin Assignment (Top View) |