Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBM29PL64LM90 Fiches technique(PDF) 45 Page - SPANSION

No de pièce MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Fiches technique(HTML) 45 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 41Page - SPANSION MBM29PL64LM90 Datasheet HTML 42Page - SPANSION MBM29PL64LM90 Datasheet HTML 43Page - SPANSION MBM29PL64LM90 Datasheet HTML 44Page - SPANSION MBM29PL64LM90 Datasheet HTML 45Page - SPANSION MBM29PL64LM90 Datasheet HTML 46Page - SPANSION MBM29PL64LM90 Datasheet HTML 47Page - SPANSION MBM29PL64LM90 Datasheet HTML 48Page - SPANSION MBM29PL64LM90 Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
MBM29PL64LM90/10
44
Notes :
• PA is address of the memory location to be programmed.
• PD is data to be programmed at word address.
• DQ7 is the output of the complement of the data written to the device.
• DOUT is the output of the data written to the device.
• Figure indicates the last two bus cycles out of four bus cycle sequence.
tCH
tWP
tWHWH1
tWC
tAH
CE
OE
tRC
Address
Data
tAS
tOE
tWPH
tGHWL
tDH
DQ7
PD
A0h
DOUT
WE
555h
PA
PA
tOH
Data Polling
3rd Bus Cycle
tCS
tCE
tDS
DOUT
tDF
Alternate WE Controlled Program Operation Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69