| Moteur de recherche de fiches techniques de composants électroniques |
|
AP3105NA Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3105NA Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 13 page ![]() AP3105NA/NV/NL/NR Document number: DS36542 Rev. 1 - 2 2 of 13 www.diodes.com September 2013 © Diodes Incorporated AP3105NA/NV/NL/NR A Product Line of Diodes Incorporated Typical Applications Circuit VCC GND GATE FB SENSE CTRL AZ431 AP3105NA/ NV/ NL/NR L2 T1 R13 C7 C6 C8 R14 R15 R16 R17 R18 C9 U2 C10 R12 R11 R10 R9 C5 R6 R19 C4 R5 R4 C2 C1 VR1 U1 NTC R2 R3 R7 C3 C11 NTC R8 Pin Descriptions Pin Number Pin Name Function 1 GND Signal ground. Current return for driver and control circuits 2 FB Feedback. Directly connected to the opto-coupler 3 CTRL Latch trigger if this pin voltage drops below a threshold or over another threshold, leave CTRL pin open if this function is not needed. Connecting a NTC thermistor to GND can achieve OTP protection 4 SENSE Current Sense 5 VCC Supply voltage of driver and control circuits 6 GATE Gate driver output |