| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5243 Fiches technique(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5243 Fiches technique(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() Data Sheet AD5243/AD5248 Rev. C | Page 17 of 20 Write Mode Table 9. AD5243 Write Mode S 0 1 0 1 1 1 1 W A A0 SD X X X X X X A D7 D6 D5 D4 D3 D2 D1 D0 A P Slave address byte Instruction byte Data byte Table 10. AD5248 Write Mode S 0 1 0 1 1 AD1 AD0 W A A0 SD X X X X X X A D7 D6 D5 D4 D3 D2 D1 D0 A P Slave address byte Instruction byte Data byte Read Mode Table 11. AD5243 Read Mode S 0 1 0 1 1 1 1 R A D7 D6 D5 D4 D3 D2 D1 D0 A P Slave address byte Data byte Table 12. AD5248 Read Mode S 0 1 0 1 1 AD1 AD0 R A D7 D6 D5 D4 D3 D2 D1 D0 A P Slave address byte Data byte Table 13. SDA Bits Descriptions Bit Description S Start condition. P Stop condition. A Acknowledge. AD0, AD1 Package pin-programmable address bits. X Don’t care. W Write. R Read. A0 RDAC subaddress select bit. SD Shutdown connects wiper to B terminal and open circuits the A terminal. It does not change the contents of the wiper register. D7, D6, D5, D4, D3, D2, D1, D0 Data bits. |