Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2201 Fiches technique(PDF) 13 Page - OKI electronic componets

No de pièce ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Fiches technique(HTML) 13 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 9Page - OKI electronic componets ML2201 Datasheet HTML 10Page - OKI electronic componets ML2201 Datasheet HTML 11Page - OKI electronic componets ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets ML2201 Datasheet HTML 14Page - OKI electronic componets ML2201 Datasheet HTML 15Page - OKI electronic componets ML2201 Datasheet HTML 16Page - OKI electronic componets ML2201 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
13/20
External Clock Input
The Figure 3 shows wiring of an external timing source.
(A type of the external clock should be determined at selecting chip options.)
XT
An external
timing source
Keep this
pin open
XT
Figure 3 External Clock Input
* Note:
As of July 1999, ceramic oscillation on this chip is under development and thus the chip is not
functional with a ceramic oscillator. The manufacturer intends to add a ceramic oscillation option to the
chip. For more information on availability in commercial quantity, contact your sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20