| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS65-R-2M Fiches technique(PDF) 43 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-2M Fiches technique(HTML) 43 Page - Omron Electronics LLC |
|
43 / 59 page ![]() 43 V680 Series V680-HS63 (mounted on metallic surface: steel) & V680S-D8KF68 (Tag direction: Horizontal) V680-HS63 (mounted on metallic surface: steel) & V680S-D8KF68 (Tag direction: Vertical) V680-HS65 (mounted on metallic surface: steel) & V680S-D8KF68 (Tag direction: Horizontal) V680-HS65 (mounted on metallic surface: steel) & V680S-D8KF68 (Tag direction: Vertical) V680-HS63 (mounted on metallic surface: steel) & V680S-D8KF68M (Tag direction: Horizontal) V680-HS63 (mounted on metallic surface: steel) & V680S-D8KF68M (Tag direction: Vertical) V680-HS65 (mounted on metallic surface: steel) & V680S-D8KF68M (Tag direction: Horizontal) V680-HS65 (mounted on metallic surface: steel) & V680S-D8KF68M (Tag direction: Vertical) 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write |