| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS63-R-2M Fiches technique(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-2M Fiches technique(HTML) 17 Page - Omron Electronics LLC |
|
17 / 59 page ![]() 17 V680 Series Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna. The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their dimensions are larger than the dimensions of the Antenna (100 × 100 mm). For details, refer to the User’s Manual (Cat. No. Z248 or Z262). *1. The communication range may be reduced if the V680-D1KP66T/-D1KP54T is mounted onto a metallic surface. Refer to the User's Manual (Cat. No. Z262) for details. *2. The Antenna can be mounted in metal, but the communication range will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680-D1KP54T V680-HS52 Read distance 0 to 17.0 *1 (axis offset ±2) Write distance 0 to 15.0 *1 (axis offset ±2) V680-HS63 Read distance 0 to 24.0 *1 (axis offset ±10) Write distance 0 to 20.0 *1 (axis offset ±10) V680-HS65 Read distance 0 to 33.0 *1 (axis offset ±10) Write distance 0 to 28.0 *1 (axis offset ±10) V680-D1KP66T V680-HS52 Read distance 0 to 17.0 *1 (axis offset ±2) Write distance 0 to 17.0 *1 (axis offset ±2) V680-HS63 Read distance 0 to 30.0 *1 (axis offset ±10) Write distance 0 to 25.0 *1 (axis offset ±10) V680-HS65 Read distance 0 to 47.0 *1 (axis offset ±10) Write distance 0 to 42.0 *1 (axis offset ±10) V680-H01-V2 Read distance 0 to 100.0 *1 (axis offset ±2) Write distance 0 to 100.0 *1 (axis offset ±2) V680-D1KP54T V680-HS52 Non-metallic Non-metallic Resin, plastic, wood, etc. *2 V680-D1KP54T V680-HS63 Non-metallic Non-metallic Resin, plastic, wood, etc. *2 V680-D1KP54T V680-HS65 Non-metallic Metallic Resin, plastic, wood, etc. V680-HS52 Non-metallic Non-metallic V680-D1KP66T Resin, plastic, wood, etc. *2 V680-HS63 V680- D1KP66T Non-metallic Non-metallic Resin, plastic, wood, etc. *2 V680-HS65 V680- D1KP66T Metallic Non-metallic Resin, plastic, wood, etc. V680-H01-V2 V680-D1KP66T Non-metallic Non-metallic *2 |