| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS52-R-2M Fiches technique(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R-2M Fiches technique(HTML) 32 Page - Omron Electronics LLC |
|
32 / 59 page ![]() V680 Series 32 1-kbyte Memory Bolt RF Tags High-temperature Type 1-kbyte Memory RF Tags V680-HS65 (mounted on metallic material) & V680-D1KP66T-SP (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66MT (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680-D1KP66MT (mounted on metallic surface: steel) V680-HS65 (mounted on metallic material) & V680-D1K66MT (mounted on metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D1KP52M-BT01 (mounted in metal/non-metallic material) V680-HS51 (embedded in metallic material) & V680-D1KP52M-BT11 (mounted in metal/non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP52M-BT01 (mounted in metal/non-metallic material) V680-HS65 (with metal on back surface) & V680-D1KP58HTN V680-H01-V2 and V680-D1KP58HTN 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y -250 -200 -150 -100 -50 0 50 100 150 200 X Read Write Y 200 150 100 50 -250 -200 -150 -100 -50 0 50 100 150 200 X Read Write Y 200 150 100 50 |