| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSL304G-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UPSL304G-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UPSL304 Preliminary CMOS IC www.unisonic.com.tw 1 of 4 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R125-058.a HIGH POWER FACTOR & ACCURACY CONSTANT CURRENT LED DRIVER DESCRIPTION The UTC UPSL304 is a low startup current, Transition Mode, fixed on-time PFC control and PWM controller. These functions enable the LED driver to easily meet the accuracy average LED current and high power factor requirements. The UTC UPSL304 improves the performance and reduces the cost of the LED driver. FEATURES * Transition Mode Fixed On-Time PFC Control * Accuracy Constant Current * Low BOM Cost * Inductor Size Reduction * Frequency Range Adjusted by The CT Pin * LED Protection: SCP, OLP, OVP * SOT-26 Package * Compatible Inductance Ballast * Incompatible Electronic Ballast ORDERING INFORMATION Ordering Number Package Packing UPSL304G-AG6-R SOT-26 Tape Reel MARKING |
Numéro de pièce similaire - UPSL304G-AG6-R |
|
Description similaire - UPSL304G-AG6-R |