| Moteur de recherche de fiches techniques de composants électroniques |
|
ULF0291G-SH2-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ULF0291G-SH2-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() ULF0291 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R125-059.a PIN CONFIGURATION PIN DESCRIPTION Pin No Pin Name Function Description 1 VAC Power input 2 D1 Current output port 1 3 D2 Current output port 2 4 D3 Current output port 3 5 D4 Current output port 4 6 D5 Current output port 5 7 D6 Current output port 6 8 VREF Reference voltage setting current of each port Back plane GND GND is the ground connect port BLOCK DIAGRAM |