Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9936P Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STV9936P
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 40Page - STMicroelectronics STV9936P Datasheet HTML 41Page - STMicroelectronics STV9936P Datasheet HTML 42Page - STMicroelectronics STV9936P Datasheet HTML 43Page - STMicroelectronics STV9936P Datasheet HTML 44Page - STMicroelectronics STV9936P Datasheet HTML 45Page - STMicroelectronics STV9936P Datasheet HTML 46Page - STMicroelectronics STV9936P Datasheet HTML 47Page - STMicroelectronics STV9936P Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
45/48
STV9936P/S
Package Mechanical Data
12.2
Dual In-line Plastic Package
Figure 19: DIP16 Package
Table 50: DIP16 Dimensions
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
b1
E
1
8
9
16
Z
b
B
e3
e
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48