Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4158 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADF4158
Description  Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 9Page - Analog Devices ADF4158 Datasheet HTML 10Page - Analog Devices ADF4158 Datasheet HTML 11Page - Analog Devices ADF4158 Datasheet HTML 12Page - Analog Devices ADF4158 Datasheet HTML 13Page - Analog Devices ADF4158 Datasheet HTML 14Page - Analog Devices ADF4158 Datasheet HTML 15Page - Analog Devices ADF4158 Datasheet HTML 16Page - Analog Devices ADF4158 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
ADF4158
Rev. I | Page 13 of 35
REGISTER MAPS
DB31
CONTROL
BITS
12-BIT MSB FRACTIONAL VALUE
(FRAC)
12-BIT INTEGER VALUE (INT)
MUXOUT
CONTROL
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
M4
R1
M3
M2
M1
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
F25
F24
F23
F22
F21
F20
F19
F18
F17
F16
F15
F14 C3(0) C2(0) C1(0)
FRAC/INT REGISTER (R0)
DB31
CONTROL
BITS
RESERVED
13-BIT LSB FRACTIONAL VALUE
(FRAC) (DBB)
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
0
0
0
0
0
0
0
0
0
0
0
0
C3(0) C2(0) C1(1)
LSB FRAC REGISTER (R1)
DB31
RESERVED
NOTES
1. DBB = DOUBLE-BUFFERED BIT(S).
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
NS1
U12
0
0
RM2 RM1
PE1
FE1
U11
U10
U9
U8
U7
C3(0) C2(1) C1(1)
FUNCTION REGISTER (R3)
DB31
12-BIT CLK1 DIVIDER
5-BIT R-COUNTER
CP
CURRENT
SETTING
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
CR1 CPI4 CPI3 CPI2 CPI1
0
P1
U2
U1
R5
R4
R3
R2
R1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(0) C2(1) C1(0)
R-DIVIDER REGISTER (R2)
DBB
DBB
Figure 21. Register Summary 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35