| Moteur de recherche de fiches techniques de composants électroniques |
|
LM760 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM760 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 10 page ![]() TLH10067 December 1994 LM760 High Speed Differential Comparator General Description The LM760 is a differential voltage comparator offering con- siderable speed improvement over the LM710 family and operates from symmetric supplies of g45V to g65V The LM760 can be used in high speed analog-to-digital conver- sion systems and as a zero crossing detector in disc file and tape amplifiers The LM760 output features balanced rise and fall times for minimum skew and close matching be- tween the complementary outputs The outputs are TTL compatible with a minimum sink capability of two gate loads Features Y Guaranteed high speed 25 ns response time Y Guaranteed delay matching on both outputs Y Complementary TTL compatible outputs Y High sensitivity Y Standard supply voltages Applications Y High speed A-to-D Y Peak or zero detector Connection Diagram 8-Lead DIP TLH10067 – 3 Top View Ordering Information Temperature Range NSC Commercial Package Type Package 0 Cto a70 C Drawing LM760CN 8-lead Plastic DIP N08E C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - LM760 |
|
Description similaire - LM760 |