Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPF80C200HB Fiches technique(PDF) 4 Page - IXYS Corporation

No de pièce DPF80C200HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF80C200HB Fiches technique(HTML) 4 Page - IXYS Corporation

  DPF80C200HB Datasheet HTML 1Page - IXYS Corporation DPF80C200HB Datasheet HTML 2Page - IXYS Corporation DPF80C200HB Datasheet HTML 3Page - IXYS Corporation DPF80C200HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPF80C200HB
preliminary
S
Ø
P
Ø
P1
D2
D1
E1
4
12
3
L
L1
2x
b2
3x
b
b4
2x
e
2x
E2
D
E
Q
A
A2
A1
C
Sym.
Inches
Millimeter
min.
max.
min.
max.
A
0.185 0.209
4.70
5.30
A1
0.087 0.102
2.21
2.59
A2
0.059 0.098
1.50
2.49
D
0.819 0.845
20.79 21.45
E
0.610 0.640
15.48 16.24
E2
0.170 0.216
4.31
5.48
e
0.215 BSC
5.46 BSC
L
0.780 0.800
19.80 20.30
L1
-
0.177
-
4.49
Ø P
0.140 0.144
3.55
3.65
Q
0.212 0.244
5.38
6.19
S
0.242 BSC
6.14 BSC
b
0.039 0.055
0.99
1.40
b2
0.065 0.094
1.65
2.39
b4
0.102 0.135
2.59
3.43
c
0.015 0.035
0.38
0.89
D1
0.515
-
13.07
-
D2
0.020 0.053
0.51
1.35
E1
0.530
-
13.45
-
Ø P1
-
0.29
-
7.39
1
2
3
Outlines
TO-247
IXYS reserves the right to change limits, conditions and dimensions.
20131101a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4