| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4155BCPZ Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4155BCPZ Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 32 page ![]() ADF4155 Data Sheet Figure 23. Register Summary (Register 6 to Register 8) REGISTER 6 REGISTER 7 REGISTER 8 1 DBB = DOUBLE BUFFERED BITS—BUFFERED BY THE WRITE TO REGISTER 0 IF, AND ONLY IF, DB14 OF REGISTER 4 IS HIGH. OUTPUT POWER DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 1 1 CONTROL BITS D12 D11 D10 BL8 BL7 BL6 BL5 BL4 BL3 BL2 BL1 BLE D8 0 0 0 0 D3 D2 D1 C3(1) C2(1) C1(0) C4(0) 1 RM1 1 BLEED CURRENT SETTINGS RESERVED RF DIVIDER SELECT DBB 1 RESERVED RESERVED DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 0 CONTROL BITS 0 0 0 0 0 0 0 0 0 0 0 0 0 0 LD5 LD4 LOL 1 1 LD1 C3(1) C2(1) C1(1) C4(0) 0 0 0 COUNT LOCK DETECT CYCLE DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 L1 1 1 1 0 RESERVED PHASE WORD CONTROL BITS 1 0 1 0 0 1 0 1 1 1 1 1 1 1 1 0 0 0 0 1 C3(0) C2(0) C1(0) C4(1) 0 0 0 Rev. 0 | Page 16 of 32 |