| Moteur de recherche de fiches techniques de composants électroniques |
|
OP521 Fiches technique(PDF) 1 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
OP521 Fiches technique(HTML) 1 Page - TT Electronics. |
|
1 / 3 page ![]() RoHS SMD Silicon Phototransistor OP520, OP521 OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com Issue 1.3 05/10 Page 1 of 3 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. • Non-Contact Position Sensing • Datum detection • Machine automation • Optical encoders OP520, OP521 • High Photo Sensitivity • Fast Response Time • 1206 Package Size • Opaque or Water Clear Flat Lens Description: The OP520 and OP521 are NPN silicon phototransistor mounted in miniature SMT packages. Both the OP520 and OP521 have a flat lens however, the OP520 lens is opaque to shield the device from stray light. These sen- sors are packaged in 1206 size chip carriers that are compatible with most automated mounting equipment. The OP520 and OP521 are mechanically and spectrally matched to the OP250 series infrared LEDs. Applications Darker Green Mark RECOMMENDED SOLDER PADS [1.60±0.10] .063±.0039 [1.50±0.10] .059±.0039 [4.60±0.10] .181±.0039 [1.60±0.10] .063±.0039 |
Numéro de pièce similaire - OP521 |
|
Description similaire - OP521 |