| Moteur de recherche de fiches techniques de composants électroniques |
|
STV9382 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9382 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 10 page ![]() 7/10 OPTIMWATTTM STV9382 I/O Waveforms Figure 5: Current in the Deflection Yoke and Voltage at the Error Amplifier Output (pin 14 - STV9382) during Flyback (Calibration: 0.5 A/div, 1 V/div) Figure 6: Current in the Deflection Yoke and Voltage at the Output of the STV9382 (pin 4), during the Flyback (Calibration: 0.5 A/div, 10 V/div) |