| Moteur de recherche de fiches techniques de composants électroniques |
|
PAA191STR Fiches technique(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
PAA191STR Fiches technique(HTML) 4 Page - IXYS Corporation |
|
4 / 7 page ![]() INTEGRATED CIRCUITS DIVISION www.ixysic.com 4 R04 PAA191 *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. PERFORMANCE DATA @25ºC (Unless Otherwise Noted)* Typical Turn-On Time vs. Temperature (I L=250mADC) Temperature (ºC) -40 2.5 2.0 1.5 1.0 0.5 0 -20 0 20 40 60 80 100 I F=5mA I F=10mA Typical Turn-Off Time vs. Temperature (I F=5mA, IL=250mADC) Temperature (ºC) -40 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 -20 0 20 40 60 80 100 Typical On-Resistance vs. Temperature (I F=5mA, IL=250mADC) Temperature (ºC) -40 10 9 8 7 6 5 4 -20 0 20 40 60 80 100 Typical I F for Switch Operation vs. Temperature (I L=250mADC) Temperature (ºC) -40 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 -20 0 20 40 60 80 100 Typical I F for Switch Dropout vs. Temperature (I L=250mADC) Temperature (ºC) -40 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 -20 0 20 40 60 80 100 Typical Load Current vs. Load Voltage (I F=5mA) Load Voltage (V) 250 200 150 100 50 0 -50 -100 -150 -200 -250 -2.0 -1.0 -0.5 -1.5 0 1.0 1.5 0.5 2.0 Maximum Load Current vs. Temperature Temperature (ºC) 350 300 250 200 150 100 -40 -20 0 20 40 60 80 120 100 IF=10mA IF=5mA Typical Blocking Voltage vs. Temperature Temperature (ºC) -40 485 480 475 470 465 460 455 450 445 -20 0 20 40 60 80 100 Typical Leakage vs. Temperature Measured across Pins 5&6 or 7&8 Temperature (ºC) -40 0.030 0.025 0.020 0.015 0.010 0.005 -20 0 20 40 60 80 100 Energy Rating Curve Time 10 s 1.2 1.0 0.8 0.6 0.4 0.2 0 1ms 100 s 100ms 1s 10ms 10s 100s |