Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVSPGBCR44 Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce OVSPGBCR44
Description  1-Watt SMD 6x6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPGBCR44 Fiches technique(HTML) 4 Page - TT Electronics.

  OVSPGBCR44 Datasheet HTML 1Page - TT Electronics. OVSPGBCR44 Datasheet HTML 2Page - TT Electronics. OVSPGBCR44 Datasheet HTML 3Page - TT Electronics. OVSPGBCR44 Datasheet HTML 4Page - TT Electronics. OVSPGBCR44 Datasheet HTML 5Page - TT Electronics. OVSPGBCR44 Datasheet HTML 6Page - TT Electronics. OVSPGBCR44 Datasheet HTML 7Page - TT Electronics. OVSPGBCR44 Datasheet HTML 8Page - TT Electronics. OVSPGBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Issue B 11/2011
Page 4 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6x6mm Dome Lens
OVSPxBCR44 Series
IV
Luminous Intensity
Bin
Min (mcd)
Max (mcd)
AJ
45,000
56,000
AK
56,000
71,500
Rank
YU
YL
Cx
0.274 0.283 0.307 0.303 0.283 0.290 0.310
0.307
Cy
0.301 0.284 0.316 0.333 0.284 0.270 0.299
0.316
Rank
XU
XL
Cx
0.303 0.307 0.317 0.315 0.307 0.310 0.319
0.317
Cy
0.333 0.316 0.325 0.343 0.316 0.299 0.310
0.325
Rank
WU
WL
Cx
0.315 0.317 0.329 0.329 0.317 0.319 0.329
0.329
Cy
0.343 0.325 0.336 0.354 0.325 0.310 0.319
0.336
Rank
VU
VL
Cx
0.329 0.329 0.345 0.347 0.329 0.329 0.343
0.345
Cy
0.354 0.336 0.350 0.368 0.336 0.319 0.331
0.350
Chromaticity Coordinates (x, y)
Standard Bins
LEds are sorted to the luminous intensity (IV) and CCT codes listed below. Each reel consists of a single intensity
code and a single CCT code. Orders are filled utilizing all of the intensity codes and CCT codes listed in the follow-
ing tables. Optek will not accept orders for single intensity codes or single CCT codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11