| Moteur de recherche de fiches techniques de composants électroniques |
|
REF3220AIDBVT Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3220AIDBVT Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() REF3212,REF3220 REF3225,REF3230 REF3233,REF3240 SBVS058 −JUNE 2005 www.ti.com 2 ABSOLUTE MAXIMUM RATINGS(1) Input Voltage +7.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature −55 °C to +135°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature −65 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature +150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead Temperature (soldering, 10s) +300 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . ESD Rating Human Body Model 4kV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Charged Device Model 1kV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Machine Model 400V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION(1) PRODUCT OUTPUT VOLTAGE PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING REF3212 1.25V SOT23-6 DBV R32A REF3212 1.25V SOT23-6 DBV R32A REF3220 2.048V SOT23-6 DBV R32B REF3220 2.048V SOT23-6 DBV R32B REF3225 2.5V SOT23-6 DBV R32C REF3225 2.5V SOT23-6 DBV R32C REF3230 3.0V SOT23-6 DBV R32D REF3230 3.0V SOT23-6 DBV R32D REF3233 3.30V SOT23-6 DBV R32E REF3233 3.30V SOT23-6 DBV R32E REF3240 4.096V SOT23-6 DBV R32F REF3240 4.096V SOT23-6 DBV R32F (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. PIN CONFIGURATION 1 GND_F GND_S 3 2 ENABLE 5 6 4 OUT_S IN OUT_F Top View SOT23 NOTE: The location of pin 1 on the REF32xx is determined by orienting the package marking as shown in the diagram above. |