Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM4KB Fiches technique(PDF) 7 Page - Omron Electronics LLC

No de pièce MM4KB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4KB Fiches technique(HTML) 7 Page - Omron Electronics LLC

Back Button MM4KB Datasheet HTML 3Page - Omron Electronics LLC MM4KB Datasheet HTML 4Page - Omron Electronics LLC MM4KB Datasheet HTML 5Page - Omron Electronics LLC MM4KB Datasheet HTML 6Page - Omron Electronics LLC MM4KB Datasheet HTML 7Page - Omron Electronics LLC MM4KB Datasheet HTML 8Page - Omron Electronics LLC MM4KB Datasheet HTML 9Page - Omron Electronics LLC MM4KB Datasheet HTML 10Page - Omron Electronics LLC MM4KB Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
MMK
Engineering Data
■ Standard Relays
■ DC-switching Relays
50
30
10
5
3
1
0.5
0.3
0.1
5
10
30
50
100
300 500 1,000
5
10
30
50
100
300 500 1,000
50
30
10
5
3
1
0.5
0.3
0.1
Maximum Switching Power
Open Relays
Switching voltage (V)
Cased Relays
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
φ = 0.4)
MM
@K(B)
Switching current (A)
AC resistive load
AC inductive load
(cos
φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)
MM
@KP
0
1
2345
67
8
910
1,000
500
300
100
50
30
0
1
2345
67
8
910
1,000
500
300
100
50
30
Endurance Curves
Open Relays
Cased Relays
Switching current (A)
220 VAC resistive load
Inductive load
(cos
φ = 0.4)
24 VDC resistive load
Inductive load
L/R = 7 ms
MM
@K(B)
Switching current (A)
220 VAC resistive load
Inductive load
(cos
φ = 0.4)
24 VDC resistive load
Inductive load
L/R = 7 ms
MM
@KP
5
10
30
50
100
300 500 1,000
50
30
10
5
3
1
0.5
0.3
0.1
5
10
30
50
100
300 500 1,000
50
30
10
5
3
1
0.5
0.3
0.1
Maximum Switching Power
Open Relays
Switching voltage (V)
Cased Relays
DC inductive load
L/R=7 ms
DC resistive load
MM
@XK(B)
Switching voltage (V)
DC inductive load
L/R=7 ms
DC resistive load
MM
@XKP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com