| Moteur de recherche de fiches techniques de composants électroniques |
|
M2DA Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
M2DA Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 6 page ![]() CSM_M2D_DS_E_3_1 1 M2D Indicator (Cylindrical 8-dia.) Cylindrical 8-dia. Indicator • Same basic design as the A3D Pushbutton Switch. • Excellent illumination with even surface brightness. • Cylindrical body means panel cutouts can be made easily. RoHS Compliant Refer to Safety Precautions for All Pushbutton Switches and Safety Precautions for the A3D. List of Models Appearance Model Rectangular M2DJ Square M2DA Round M2DT ■ Specifications: Refer to page 4. ■ Dimensions: Refer to page 5. ■ Accessories: Refer to the A3D. ■ Precautions for correct use and safety precautions: Refer to the A3D. |
Numéro de pièce similaire - M2DA |
|
Description similaire - M2DA |