| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS395 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS395 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9833 February 1992 DM74LS395 4-Bit Shift Register with TRI-STATE Outputs General Description The LS395 is a 4-bit shift register with TRI-STATE outputs and can operate in either a synchronous parallel load or a serial shift-right mode as determined by the Select input An asynchronous active LOW Master Reset (MR) input over- rides the synchronous operations and clears the register An active LOW Output Enable (OE) input controls the TRI- STATE output buffers but does not interfere with the other operations The fourth stage also has a conventional output for linking purposes in multi-stage serial operations Features Y Shift right or parallel 4-bit register Y TRI-STATE outputs Y Input clamp diodes limit high speed termination effects Y Fully CMOS and TTL compatible Connection Diagram Dual-In-Line Package TLF9833 – 1 Order Number DM74LS395WM or DM74LS395N See NS Package Number M16B or N16E Logic Symbol TLF9833 – 2 VCC e Pin 16 GND e Pin 8 Mode Select Table Operating Mode Inputs tn Outputs tna1 MR CP SDS Pn O0 O1 O2 O3 Asynchronous Reset L X X X X L L L L Shift SET First Stage H K LH X H O0n O1n 02n Shift RESET First Stage H K LL X L O0n O1n 02n Parallel Load H K HXPn P0 P1 P2 P3 tn tna1 e Time before and after CP HIGH-to-LOW transition H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM74LS395 |
|
Description similaire - DM74LS395 |