Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9540BCPZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9540BCPZ
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9540BCPZ Fiches technique(HTML) 3 Page - Analog Devices

  AD9540BCPZ Datasheet HTML 1Page - Analog Devices AD9540BCPZ Datasheet HTML 2Page - Analog Devices AD9540BCPZ Datasheet HTML 3Page - Analog Devices AD9540BCPZ Datasheet HTML 4Page - Analog Devices AD9540BCPZ Datasheet HTML 5Page - Analog Devices AD9540BCPZ Datasheet HTML 6Page - Analog Devices AD9540BCPZ Datasheet HTML 7Page - Analog Devices AD9540BCPZ Datasheet HTML 8Page - Analog Devices AD9540BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD9540
Rev. C | Page 3 of 32
PRODUCT OVERVIEW
The AD9540 is Analog Devices’ first dedicated clocking
product specifically designed to support the extremely stringent
clocking requirements of the highest performance data
converters. The device features high performance PLL (phase-
locked loop) circuitry, including a flexible 200 MHz phase
frequency detector and a digitally controlled charge pump
current. The device also provides a low jitter, 655 MHz CML-
mode, PECL-compliant output driver with programmable slew
rates. External VCO rates up to 2.7 GHz are supported.
Extremely fine tuning resolution (steps less than 2.33 μHz) is
another feature supported by this device. Information is loaded
into the AD9540 via a serial I/O port that has a device write
speed of 25 Mbps. The AD9540 frequency divider block can
also be programmed to support a spread spectrum mode of
operation.
The AD9540 is specified to operate over the extended
automotive range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32