Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX90809 Fiches technique(PDF) 13 Page - Melexis Microelectronic Systems

No de pièce MLX90809
Description  Relative Pressure Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90809 Fiches technique(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90809 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MLX90809
Relative Pressure Sensor
Page 13 of 14
REVISION 004 – JULY 2017
390109080901
15. Package Information
Figure 6: MLX90809 package drawing
Table in
mm
A
A1
A2
D
D1
D2
E
E1
E2
min
2.28
-0.025
2.34
REF
10.19
7.7
3.7
7.45
4.8
1.9
max
2.45
0.075
10.33
8.1
4.1
7.59
5.2
2.3
A: total package thickness (body thickness + stand off)
A1: package stand off
Table in
mm
α
c
H
e
B
L
G1
G2
min
0
o
0.2
10.11
1.27
BSC
0.326
0.74
1.5
0.56
max
8
o
0.33
10.51
0.486
0.99
1.7
0.96
Table 5: Detailed package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14