Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1650SL-S08-R Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UCS1650SL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1650SL-S08-R Fiches technique(HTML) 7 Page - Unisonic Technologies

  UCS1650SL-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS1650SL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UCS1650S
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-102.h
FUNCTIONAL DESCRIPTION(Cont.)
(6) Driver Output Section
The driver-stage drives the gate of the MOSFET and is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope when reaching the MOSFET threshold. This is achieved by a
slope control of the rising edge at the driver’s output. The output driver is clamped by an internal 16V Zener diode in
order to protect power MOSFET transistors against undesirable gate over voltage.
The In addition to the gate drive control scheme mentioned, the gate drive strength can also be adjusted
externally by a resistor connected between VDD and VDDG, the falling edge of the Drain output can be well controlled.
It provides great flexibility for system EMI design.
(7) Inside power switch MOS transistor
Specific power MOS transistor parameter is as “POWER MOS TRANSISTOR SECTION” in electrical
characteristics table.



Html Pages

1 2 3 4 5 6 7 8