Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D5V0X1BA2LP Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce D5V0X1BA2LP
Description  ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0X1BA2LP Fiches technique(HTML) 4 Page - Diodes Incorporated

  D5V0X1BA2LP Datasheet HTML 1Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 2Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 3Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 4Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D5V0X1BA2LP
Document number: DS37657 Rev. 1 - 2
4 of 5
www.diodes.com
January 2018
© Diodes Incorporated
D5V0X1BA2LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-2
X1-DFN1006-2
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
L
E
b
R
e
D
A1
A
10
11
12
13
14
15
16
17
0
1
2
3
4
5
CURRENT FROM I/O TO V
SS (A)
Figure 9 Clamping Voltage Characteristic
IEC61000-4-5
(Lighting)



Html Pages

1 2 3 4 5