Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3863L-S08-R Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UC3863L-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863L-S08-R Fiches technique(HTML) 7 Page - Unisonic Technologies

  UC3863L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3863L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3863
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R103-058.H
OPERAT I ON DESCRI PT I ON (Cont .)
Protection Controls
The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. Driver is reset after failure is eliminated.
OVP
The OVP will shut down the switching of the power MOSFET whenever VDD >VOVP. The OVP event as followed
Fig.3.
Fig.3 OVP case
Fig.4 OLP case
OLP
OLP will shut down driver when VFB> VOLP for continual a blanking time. The OLP event as followed Fig.4.
OTP
OTP will shut down driver when junction temperature TJ>T (THR).
PCB Layout Note
Noise
from
the
current
sense
or
the
control
signal
can
cause
significant
pulse
width
jitter
in
continuous-conduction mode, and slope compensation helps alleviate these problems. Good placement and layout
practices should be followed. Avoiding long PCB traces and component leads, locating compensation and filter
components near the UC3863, and increasing the power MOS gate resistance is advised.



Html Pages

1 2 3 4 5 6 7 8 9