Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3800L-S08-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce UC3800L-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3800L-S08-R Fiches technique(HTML) 8 Page - Unisonic Technologies

Back Button UC3800L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3800L-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3800/B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 10
www.unisonic.com.tw
QW-R103-083.d
OPERAT I ON DESCRI PT I ON (Cont .)
Protection Controls
The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. Driver is reset after failure is eliminated.
OVP
The OVP will shut down the switching of the power MOSFET whenever VDD >VOVP. The OVP event as followed
Fig.3.
Fig.3 OVP case
Fig.4 OLP case
OLP
OLP will shut down driver when VFB> VOLP for continual time. The OLP event as followed Fig.4.
LNO-OVP and BNO
LNO will shut down driver when LNO> VTH_LNO or LNO<VTH_BNO for continual time.
OTP
The internal OTP circuit is implemented to detect the Temperature. As soon as the Temperature is higher than
the 150
C, the driver will shut down.
PCB Layout Note
Noise from the current sense or the control signal can cause significant pulse width jitter in continuous-conduction
mode, and slope compensation helps alleviate these problems. Good placement and layout practices should be
followed. Avoiding long PCB traces and component leads, locating compensation and filter components near the
UTC UC3800/B, and increasing the power MOS gate resistance is advised.



Html Pages

1 2 3 4 5 6 7 8 9 10