| Moteur de recherche de fiches techniques de composants électroniques |
|
SWC27-N Fiches technique(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
SWC27-N Fiches technique(HTML) 3 Page - CUI INC |
|
3 / 4 page ![]() cui.com date 08/23/2018 │ page 3 of 4 CUI Inc │ SERIES: SWC27-N │ DESCRIPTION: AC-DC POWER SUPPLY MECHANICAL parameter conditions/description min typ max units dimensions 44.2 x 33.2 x 52.5 mm inlet plug North America, 2-pin DC output USB 3.1 Type C weight 89 g MECHANICAL DRAWING units: mm PIN CONNECTIONS PIN SIGNAL NAME PIN SIGNAL NAME A1 GND B12 GND A2 NC B11 NC A3 NC B10 NC A4 V BUS B9 V BUS A5 CC1 B8 CC2 A6 D+ B7 D+ A7 D- B6 D- A8 NC B5 NC A9 V BUS B4 V BUS A10 NC B3 NC A11 NC B2 NC A12 GND B1 GND A12(-) A1(-) B1(-) B12(-) B4(+) B9(+) B7(D-) B6(D+) A9(+) A7(D-) A6(D+) A4(+) A5(CC1) B5(CC2) For more information, please visit the product page | For information on related products, view Dc Power Connectors |