Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9543 Fiches technique(PDF) 40 Page - Analog Devices

No de pièce AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9543 Fiches technique(HTML) 40 Page - Analog Devices

Back Button AD9543 Datasheet HTML 36Page - Analog Devices AD9543 Datasheet HTML 37Page - Analog Devices AD9543 Datasheet HTML 38Page - Analog Devices AD9543 Datasheet HTML 39Page - Analog Devices AD9543 Datasheet HTML 40Page - Analog Devices AD9543 Datasheet HTML 41Page - Analog Devices AD9543 Datasheet HTML 42Page - Analog Devices AD9543 Datasheet HTML 43Page - Analog Devices AD9543 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
AD9543
Data Sheet
Rev. 0 | Page 40 of 66
CAL_COUNT =
CAL_COUNT + 1
CAL_COUNT = 0
VCO
CALIBRATION
OPERATION
CAL_COUNT > 1
NO
YES
SYSTEM CLOCK
RECALIBRATION LOOP
WRITE:
REGISTER 0x2000[2] = 0
WRITE:
REGISTER 0x000F = 0x01
WRITE:
REGISTER 0x000F = 0x01
WRITE:
REGISTER 0x2000[2] = 1
START TIMEOUT CLOCK:
TIME = 0
REGISTER 0x3001[1:0] = 0x3
TIMEOUT CLOCK:
TIME > SYSCLK_TO1
NO
YES
NO
YES
SYSTEM CLOCK
LOCKED AND
STABLE POLLING LOOP
END
(TO RST_COUNT CHECK)
END
START
1SYSCLK_TO IS A CALCULATED TIME OUT VALUE.
IT IS 50ms + SYSTEM CLOCK VALIDATION TIME (REGISTER 0x207 TO REGISTER 0x209 [UNITS OF ms])
Figure 45. AD9543 System Clock Initialization Subprocess



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66