Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9528BCPZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Fiches technique(HTML) 3 Page - Analog Devices

  AD9528BCPZ Datasheet HTML 1Page - Analog Devices AD9528BCPZ Datasheet HTML 2Page - Analog Devices AD9528BCPZ Datasheet HTML 3Page - Analog Devices AD9528BCPZ Datasheet HTML 4Page - Analog Devices AD9528BCPZ Datasheet HTML 5Page - Analog Devices AD9528BCPZ Datasheet HTML 6Page - Analog Devices AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 3 of 67
REVISION HISTORY
1/2018—Rev. C to Rev. D
Changes to Features Section and General Description
Section ................................................................................................1
Added Input Noise Sensitivity Parameter, Table 4........................6
Changes to HSTL Mode, Output Frequency Parameter, Test
Conditions/Comments Column, Table 8 and LVDS Mode, 3.5 mA,
Output Frequency Parameter, Test Conditions/Comments
Column, Table 8 ................................................................................7
Changes to CS (Input) Parameter, Table 17.................................13
Changes to Figure 2 and Table 21 .................................................16
Changes to Overview Section........................................................25
Added VCXO Input Section ..........................................................27
Changes to PLL1 Reference Switchover Section .........................27
Changes to SPI/I2C Port Selection Section and Table 24 ...........35
Change to Figure 53 ........................................................................43
Changes to Table 49 ........................................................................56
Changes to Table 57 ........................................................................59
7/2015—Rev. B to Rev. C
Changes to Differential Input Voltage, Sensitivity Frequency <
250 MHz Parameter and Differential Input Voltage, Sensitivity
Frequency > 250 MHz Parameter, Table 4.......................................6
Changes to Figure 12 Caption, Figure 13 Caption, and Figure 14
Caption .............................................................................................20
Changes to Figure 15 Caption, Figure 16 Caption, Figure 17
Caption, and Figure 18 Caption ....................................................21
Changes to Figure 27 ......................................................................25
Changes to Implementation Specific Details Section.................35
Changes to I2C Serial Port Operation Section.............................38
4/2015—Rev. A to Rev. B
Changes to Serial Control Port Section and Table 24 ................35
3/2015—Rev. 0 to Rev. A
Moved Revision History...................................................................3
Changes to Table 8 ............................................................................7
Changes to Voltage Parameter, Table 15 ......................................12
Changes to Figure 2 ........................................................................16
Added Figure 13, Renumbered Sequentially...............................20
Deleted Figure 17 ............................................................................21
Added Figure 15 ..............................................................................21
Changes to Figure 16 Caption .......................................................21
Changes to Figure 27 ......................................................................25
Changes to SYSREF Generator Section........................................34
Changes to Serial Control Port Section and Implementation
Specific Details Section ..................................................................35
Changes to Table 36 ........................................................................48
Changes to Table 37 ........................................................................52
10/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67