| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072ACDRG4 Fiches technique(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACDRG4 Fiches technique(HTML) 41 Page - Texas Instruments |
|
41 / 68 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2018 Addendum-Page 6 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL074CNSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL074 TL074CPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074ID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL074I TL074IN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 TL074IN TL074MFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 TL074MFK TL074MFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 81023062A TL074MFKB TL074MJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 TL074MJ TL074MJB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 8102306CA TL074MJB TL074MWB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 8102306DA TL074MWB (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |