Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FUSB302MPX. Fiches technique(PDF) 32 Page - ON Semiconductor

No de pièce FUSB302MPX.
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX. Fiches technique(HTML) 32 Page - ON Semiconductor

Back Button FUSB302MPX. Datasheet HTML 27Page - ON Semiconductor FUSB302MPX. Datasheet HTML 28Page - ON Semiconductor FUSB302MPX. Datasheet HTML 29Page - ON Semiconductor FUSB302MPX. Datasheet HTML 30Page - ON Semiconductor FUSB302MPX. Datasheet HTML 31Page - ON Semiconductor FUSB302MPX. Datasheet HTML 32Page - ON Semiconductor FUSB302MPX. Datasheet HTML 33Page - ON Semiconductor FUSB302MPX. Datasheet HTML 34Page - ON Semiconductor FUSB302MPX. Datasheet HTML 35Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
32
www.onsemi.com
Reference Schematic
Figure 17.
FUSB300/302 Reference Schematic Diagram
Table 31. Recommended Component Values for Reference Schematic
Symbol
Parameter
Recommended Value
Unit
Min.
Typ.
Max.
CRECV
CCX Receiver Capacitance
200
600
pF
CBULK
VCONN Source Bulk Capacitance
10
220
µF
CVCONN
VCONN Decoupling Capacitance
0.1
µF
CVDD1
VDD Decoupling Capacitance
0.1
µF
CVDD2
VDD Decoupling Capacitance
1.0
µF
RPU
I2C Pull-up Resistors
4.7
kΩ
RPU_INT
INT_N Pull-up Resistor
1.0
4.7
kΩ
VPU
I2C Pull-up Voltage
1.71
VDD
V
The table below is in reference to the WLCSP dimensions on the following page.
Product-Specific Dimensions
Product
D
E
X
Y
FUSB302UCX
1.215 mm
1.260 mm
0.230 mm
0.2075 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35