| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC2G04DBVR Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2G04DBVR Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2018 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LVC2G04DBVR ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVRE4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVRG4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVT ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVTG4 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DCK3 ACTIVE SC70 DCK 6 3000 Pb-Free (RoHS) CU SNBI Level-1-260C-UNLIM -40 to 125 CCZ SN74LVC2G04DCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCK, CC R) SN74LVC2G04DCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCK, CC R) SN74LVC2G04DCKRG4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCK, CC R) SN74LVC2G04DCKT ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCK, CC R) SN74LVC2G04DCKTG4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCK, CC R) SN74LVC2G04DRLR ACTIVE SOT-5X3 DRL 6 4000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC7, CCR) SN74LVC2G04DRLRG4 ACTIVE SOT-5X3 DRL 6 4000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (CC7, CCR) SN74LVC2G04YZPR ACTIVE DSBGA YZP 6 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 (CC7, CCN) (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |