| Moteur de recherche de fiches techniques de composants électroniques |
|
WM9714CLGEFL/V Fiches technique(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM9714CLGEFL/V Fiches technique(HTML) 4 Page - Cirrus Logic |
|
4 / 120 page ![]() WM9714L 4 Rev 4.0 PIN CONFIGURATION WM9714L 47 46 45 48 44 43 42 41 40 39 38 37 14 15 16 13 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 SPKR DBVDD SPKL SPKGND CAP2 OUT4 MIC2B / COMP2 / AUX2 MIC2A / COMP1 / AUX1 MICBIAS VREF AGND AVDD MCLKA MCLKB / GPIO6 / (ADA / MASK) DGND1 SDATAOUT BITCLK DGND2 SDATAIN DCVDD SYNC RESETB / GPIO7 AUX4 / GPIO8 / (SPDIF / MICBIAS) MONO ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM9714CLGEFL/V -25 to +85oC 48-lead QFN (Pb-free) MSL3 260oC WM9714CLGEFL/RV -25 to +85oC 48-lead QFN (Pb-free, tape and reel) MSL3 260oC Note: Reel quantity = 2,200 PIN DESCRIPTION PIN NAME TYPE DESCRIPTION 1 DBVDD Supply Digital I/O Buffer Supply 2 MCLKA Digital Input Master Clock A Input 3 MCLKB / GPIO6 / (ADA / MASK) Digital In/Out Master Clock B Input / GPIO6 / (ADA output / MASK input) 4 DGND1 Supply Digital Ground (return path for both DCVDD and DBVDD) 5 SDATAOUT Digital Input Serial Data Output from Controller / Input to WM9714L 6 BITCLK Digital Output Serial Interface Clock Output to Controller |