Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS8545BGLF Fiches technique(PDF) 13 Page - Integrated Device Technology

No de pièce ICS8545BGLF
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545BGLF Fiches technique(HTML) 13 Page - Integrated Device Technology

Back Button ICS8545BGLF Datasheet HTML 7Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 8Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 9Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 10Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 11Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 12Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 13Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 14Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
2016© Integrated Device Technology, Inc.
Revision E, January 5, 2016
8545 Datasheet
Ordering Information
Table 9. Ordering Information
NOTE:"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
ICS8545BGLF
ICS8545BGLF
20 Lead TSSOP, Lead-Free
Tube
0C to 70C
ICS8545BGLFT
ICS8545BGLF
20 Lead TSSOP, Lead-Free
Tape & Reel
0C to 70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15