| Moteur de recherche de fiches techniques de composants électroniques |
|
UC3383G-31-AB3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3383G-31-AB3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 14 page ![]() UC3383 CMOS IC UNISONIC TECHNOLOGIES CO., LTD 2 of 14 www.unisonic.com.tw QW-R502-032.L M ARK I N G I N FORM AT I ON PACKAGE VOLTAGE CODE MARKING SOT-25 SOT-89 20:2.0V 25:2.5V 26:2.6V 27:2.7V 28:2.8V 30:3.0V 31:3.1V 32:3.2V 33:3.3V 36:3.6V 37:3.7V 40:4.0V 45:4.5V 50:5.0V PI N DESCRI PT I ON PIN NO. SOT-25 SOT-89 PIN NAME FUNCTION 1 - CE Chip Enable 2 2 VOUT Output voltage monitor, IC internal power supply 3 - NC No Connection 4 1 VSS Ground 5 3 Lx Switch BLOCK DI AGRAM 2 step PFM Control OSC 100/180kHz Chip Enable VLx limiter VREF + - + - CE Lx Note: The CE pin is only used with the 5-Lead Package. UTC UC3383 VDD is internally connected to the VOUT pin. VOUT VSS VDD ~5mV |