Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSRB04G-AF5-R Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce UPSRB04G-AF5-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB04G-AF5-R Fiches technique(HTML) 6 Page - Unisonic Technologies

  UPSRB04G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UPSRB04
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
QW-R129-033.a
OPERAT I ON DESCRI PT I ON (Cont .)
Drive BJT
The driver is a push pull stage with the supply voltage VDD. It provides the driving current for the external power
bipolar transistor. The output signal is current-limited to Is_max.
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including output
over-voltage protection, VDD over voltage protection, OTP, feedback loop open protection, Cycle-by-cycle current
limiting, short circuit protection, leading edge blanking and UVLO, etc.
VDD is supplied by transformer auxiliary winding output. The output of UTC UPSRB04 is shutdown when VDD drops
below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7