Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2900748 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 2900748
Description  3-phase loop bridge for 4 modules of the CONTACTRON family with 22.5 mm housing width.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900748 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  2900748 Datasheet HTML 1Page - PHOENIX CONTACT 2900748 Datasheet HTML 2Page - PHOENIX CONTACT 2900748 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
May 9, 2011
Extract from the online
catalog
 
BRIDGE- 4
Order No.: 2900748
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900748
 
 
3-phase loop bridge for 4 modules of the CONTACTRON family with
22.5 mm housing width.
 
Commercial data
GTIN (EAN)
4
046356
528245
sales group
G428
Pack
1 pcs.
Customs tariff
85444290
Catalog page information
Page 236 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
03/02/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Numéro de pièce similaire - 2900748

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900747 PHOENIX-2900747 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
More results

Description similaire - 2900748

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
EH150Y MICROSEMI-EH150Y Datasheet
82Kb / 2P
3 PHASE BRIDGE MODULES
EH80 MICROSEMI-EH80 Datasheet
80Kb / 2P
3 PHASE BRIDGE MODULES
logo
PHOENIX CONTACT
2900753 PHOENIX-2900753 Datasheet
88Kb / 3P
3-phase loop bridge for 9 modules of the CONTACTRON family with 22.5 mm housing width.
2707495 PHOENIX-2707495 Datasheet
50Kb / 3P
Component housing, Color: black, Width: 22.5 mm, Constructional height: 38.5 mm
2764399 PHOENIX-2764399 Datasheet
81Kb / 4P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2764881 PHOENIX-2764881 Datasheet
148Kb / 9P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2853417 PHOENIX-2853417 Datasheet
128Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 22.5 mm wide.
2853734 PHOENIX-2853734 Datasheet
61Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 16-pos., housing width: 22.5 mm
2907376 PHOENIX-2907376 Datasheet
149Kb / 9P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
logo
ELATEC GmbH
HOP2-CBLEL ELATEC-HOP2-CBLEL Datasheet
269Kb / 3P
Panel housing for RFID modules of the TWN4 MultiTech 2 family
11/2023
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com