Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1061709 Fiches technique(PDF) 2 Page - SICK AG

No de pièce 1061709
Description  SAFE SERIES CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

1061709 Fiches technique(HTML) 2 Page - SICK AG

  1061709 Datasheet HTML 1Page - SICK AG 1061709 Datasheet HTML 2Page - SICK AG 1061709 Datasheet HTML 3Page - SICK AG 1061709 Datasheet HTML 4Page - SICK AG 1061709 Datasheet HTML 5Page - SICK AG 1061709 Datasheet HTML 6Page - SICK AG 1061709 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FLN-OSSD1000105 | Flexi Loop
SAFE SERIES CONNECTION
Ordering information
Type
Part no.
FLN-OSSD1000105
1061709
Other models and accessories
www.sick.com/Flexi_Loop
Detailed technical data
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
0.76 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Functions
Diagnostic and monitoring functions
Cross-circuit Monitoring via OSSD device
Short-circuit Monitoring via OSSD device
Discrepancy errors Monitoring via Flexi Loop node
Sequence errors Monitoring via Flexi Loop node
Interfaces
Connection usage
Safety device connection For safety sensor with dual-channel OSSD outputs, With standard input
Flexi Loop input To connect to a Flexi Loop predecessor node or to connect the Flexi Loop line to the Flexi Soft
safety controller.
Flexi Loop output To connect to a Flexi Loop successor node or to terminate the Flexi Loop line with the Flexi
Loop terminator.
Connection type
Safety device connection Female connector M12, 5-pin
Flexi Loop input Male connector M12, 5-pin
Flexi Loop output Female connector M12, 5-pin
Number of non-safe inputs
1
Number of non-safe outputs
0
Power supply output for external devices
✔
Electrical data
Operating data
Protection class
III (EN 61140)
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-02-16 09:46:12
Subject to change without notice



Html Pages

1 2 3 4 5 6 7