Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3655G-38-AF5-R Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UC3655G-38-AF5-R
Description  500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3655G-38-AF5-R Fiches technique(HTML) 7 Page - Unisonic Technologies

  UC3655G-38-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3655G-38-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3655
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-280.F
TEST CIRCUIT
CI
4.7µF (Ceramic)
CL
10µF (Ceramic)
L
3.3µH



Html Pages

1 2 3 4 5 6 7 8 9