| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC561CZP56 Fiches technique(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC561CZP56 Fiches technique(HTML) 5 Page - Motorola, Inc |
|
5 / 12 page ![]() MPC561/MPC563 PRODUCT BRIEF MOTOROLA 5 MPC561/MPC562 / MPC563/MPC564 Optional Features The following are optional features of the MPC561/MPC562 / MPC563/MPC564: • 56-MHz operation (40 MHz is default) • Code compression supported on the MPC562 and the MPC564 — Compression reduces instruction memory requirements by 40-50% — Compression optimized for automotive (non-cached) applications • 512 Kbytes flash (available on the MPC563/MPC564 only) — Single array — Page mode read — Block (64 Kbytes) erasable — External 4.75- to 5.25-V VFLASH program, erase, and read power supply Figure 1 MPC561/MPC562 / MPC563/MPC564 Block Diagram E-BUS MPC5xx Core L-BUS U-BUS IMB3 + FP USIU Buffer Burst Int. L2U I/F UIMB QSMCM MIOS14 DPTRAM 8-Kbyte READI QADC64 JTAG TPU3 QADC64 TPU3 32-Kbyte CALRAM 28-Kbyte (No Overlay) 4-Kbyte Overlay Tou CAN Tou CAN PPM SRAM Tou CAN Controller 512 Kbytes Flash (on MPC563/ MPC564 only) |