| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC561MZP56 Fiches technique(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC561MZP56 Fiches technique(HTML) 1 Page - Motorola, Inc |
|
1 / 12 page ![]() MOTOROLA SEMICONDUCTOR PRODUCT BRIEF This document contains information on a new product. Specifications and information herein are subject to change without notice. © MOTOROLA 2001, All Rights Reserved MPC561PB/D Rev. 1, December 2001 MPC561/MPC562 MPC563/MPC564 Product Brief MPC561/MPC562 / MPC563/MPC564 RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options Features The MPC561/MPC562 / MPC563/MPC564 are members of the Motorola MPC500 RISC Microcontroller family. As shown in the block diagram, they are composed of: • High performance CPU system — High performance core • Single issue integer core • Compatible with PowerPC instruction set architecture • Precise exception model • Floating point • Extensive system development support — On-chip watchpoints and breakpoints — Program flow tracking — Background debug mode (BDM) — IEEE-ISTO Nexus 5001-1999 Class 3 Debug Interface — MPC500 system interface (USIU, BBC, L2U) — Fully static design — Four major power saving modes • On, doze, sleep, deep-sleep and power-down — 32-Kbyte static RAM (CALRAM) — 512-Kbyte flash (UC3F) on MPC563/MPC564 — General-purpose I/O support • On address (24) and data (32) pins • 16 GPIO in MIOS14 • Many peripheral pins can be used as GPIO when not used as primary functions • 2.6-V outputs on external bus pins • PPM (peripheral pin multiplexing with parallel-to-serial driver) module • Available in package or die — Plastic ball grid array (PBGA) packaging Key Feature Details MPC500 System Interface (USIU) • System configuration and protection features: — Periodic-interrupt timer — Bus monitor — Software watchdog timer — Real-time clock (RTC) |
Numéro de pièce similaire - MPC561MZP56 |
|
Description similaire - MPC561MZP56 |