Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC561CZP40 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MPC561CZP40
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC561CZP40 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MPC561CZP40 Datasheet HTML 2Page - Motorola, Inc MPC561CZP40 Datasheet HTML 3Page - Motorola, Inc MPC561CZP40 Datasheet HTML 4Page - Motorola, Inc MPC561CZP40 Datasheet HTML 5Page - Motorola, Inc MPC561CZP40 Datasheet HTML 6Page - Motorola, Inc MPC561CZP40 Datasheet HTML 7Page - Motorola, Inc MPC561CZP40 Datasheet HTML 8Page - Motorola, Inc MPC561CZP40 Datasheet HTML 9Page - Motorola, Inc MPC561CZP40 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
6
Figure 2 MPC561 / MPC563 Internal Memory Map
4-Kbyte Overlay Section
0x30 7FFF
0x2F FFFF
0x30 0000
0x00 0000
0x38 0000
0x38 3FFF
0x3F FFFF
0x2F C000
0x2F BFFF
0x30 8000
0x37 FFFF
0x38 4000
0x07 FFFF
0x3F 7FFF
0x3F 8000
0x08 0000
0x38 00FF
0x38 0100
0x2F 8000
0x2F 7FFF
UC3F Flash*
512 Kbytes
Reserved for Flash
2,605 Kbytes
BBC DECRAM 2 Kbytes
USIU & Flash Control
16 Kbytes
UIMB I/F & IMB
Modules
32 Kbytes
Reserved for IMB
491 Kbytes
CALRAM/
READI Control
256 bytes
Reserved (L-bus Control)
~32 Kbytes
Reserved (L-bus Mem)
464 Kbytes
CALRAM
32 Kbytes
*NOTE: Only available on MPC563/MPC564.
0x3F F000
0x30 0000
0x30 7FFF
DPTRAM (8 Kbytes)
QSMCM (1 Kbyte)
MIOS14 (4 Kbytes)
TOUCAN_A (1 Kbyte)
TOUCAN_B (1 Kbyte)
UIMB Registers
(128 bytes)
TPU3_A (1 Kbyte)
TPU3_B (1 Kbyte)
QADC64_A (1 Kbyte)
QADC64_B (1 Kbyte)
DPTRAM Control (32 bytes)
USIU Control Registers
0x2F C000
0x30 7C00
0x30 7000
0x30 6000
0x30 5400
0x30 5000
0x30 4C00
0x30 4800
0x30 4400
0x30 4000
0x30 2000
0x30 7400
Reserved (8160 bytes)
Reserved (2 Kbytes)
Reserved (896 bytes)
0x30 7800
0x2F C800
0x30 7F80
TOUCAN_C (1 Kbyte)
0x30 5C00
PPM (64 bytes)
0x30 5C80
Reserved (960 bytes)
0x30 0020
UC3F Control
Registers*
0x2F 8800
Reserved for BBC
0x2F A000
BBC CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12