Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4CS102B Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MA4CS102B
Description  Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MA4CS102B Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MA4CS102B Datasheet HTML 1Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 2Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 3Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 4Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
4
Specifications Subject to Change Without Notice.
V3.00
Surface Mount Schottky Diodes
MA4CS101, 102, 103 Series
Polarity and Orientation of
Taped Components
Mounting Pad Diagrams
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.303
0.327
7,7
8,3
B
0.153
0.161
3,9
4,1
C
0.153
0.161
3,9
4,1
D
0.077
0.081
1,95
2,05
E
0.059
0.063
1,5
1,6
F
0.065
0.073
1,65
1,85
G
0.136
0.140
3,45
3,55
H
6.8
7.2
173
183
I
2.382
2.50
60,5
63,5
J
0.331
0.390
8,4
9,9
K
—
0.567
—
14,4
L
0.502
0.562
12,75
12,9
Top View
SOT-23
SOT-143
SOT-23
SOT-143
Tape and Reel Packaging



Html Pages

1 2 3 4 5