| Moteur de recherche de fiches techniques de composants électroniques |
|
CS30-16IO1 Fiches technique(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CS30-16IO1 Fiches technique(HTML) 4 Page - IXYS Corporation |
|
4 / 5 page ![]() CS30-16io1 S Ø P Ø P1 D2 D1 E1 4 1 2 3 L L1 2x b2 3x b b4 2x e 2x E2 D E Q A A2 A1 C Sym. Inches Millimeter min. max. min. max. A 0.185 0.209 4.70 5.30 A1 0.087 0.102 2.21 2.59 A2 0.059 0.098 1.50 2.49 D 0.819 0.845 20.79 21.45 E 0.610 0.640 15.48 16.24 E2 0.170 0.216 4.31 5.48 e 0.215 BSC 5.46 BSC L 0.780 0.800 19.80 20.30 L1 - 0.177 - 4.49 Ø P 0.140 0.144 3.55 3.65 Q 0.212 0.244 5.38 6.19 S 0.242 BSC 6.14 BSC b 0.039 0.055 0.99 1.40 b2 0.065 0.094 1.65 2.39 b4 0.102 0.135 2.59 3.43 c 0.015 0.035 0.38 0.89 D1 0.515 - 13.07 - D2 0.020 0.053 0.51 1.35 E1 0.530 - 13.45 - Ø P1 - 0.29 - 7.39 2 1 3 Outlines TO-247 IXYS reserves the right to change limits, conditions and dimensions. 20150827b Data according to IEC 60747and per semiconductor unless otherwise specified © 2015 IXYS all rights reserved |